| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 303 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 303 Page - SIMCom |
|
303 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 303 2015-08-03 Response OK If error is related to ME functionality: ERROR If POP3 server issues a positive response: +POP3NUM: 1,<totalNumber>,<totalSize> If POP3 server issues a negative response: +POP3NUM: 0 If some error occur: +POP3OUT: <code> Execution Command AT+POP3NUM Parameters <totalNumber> The Email number on the POP3 server, decimal format. <totalSize> The total size of all Email and the unit is in byte. <code> The result of logging out POP3 server 1 Normally log out POP3 server 61 Network error 62 DNS resolve error 63 POP3 tcp connection error 64 Timeout of POP3 server response Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 14.2.16 AT+POP3LIST Get the Specific Email Size AT+POP3LIST Get the Specific Email Size Response +POP3LIST: (range of supported <msgNumber>s) OK Test Command AT+POP3LIST=? Parameter See Write Command Write Command AT+POP3LIST=<m sgNumber> Response OK If error is related to ME functionality: ERROR If POP3 server issues a positive response: +POP3LIST: 1,<msgNumber>,<size> If POP3 server issues a negative response: +POP3LIST: 0 |