| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 304 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 304 Page - SIMCom |
|
304 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 304 2015-08-03 If some error occur: +POP3OUT: <code> Parameters <msgNumber> The message number of Email. <size> The size of Email <msgNumber> and the unit is in byte. <code> The result of logging out POP3 server 1 Normally log out POP3 server 61 Network error 62 DNS resolve error 63 POP3 tcp connection error 64 Timeout of POP3 server response Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 14.2.17 AT+POP3UIDL Get the Specific Email Unique-id AT+POP3UIDL Get the Specific Email Unique-id Response +POP3UIDL: (range of supported <msgNumber>s) OK Test Command AT+POP3UIDL=? Parameters See Write Command Response OK If error is related to ME functionality: ERROR If POP3 server issues a positive response: +POP3UIDL: 1,<msgNumber>,<uid> If POP3 server issues a negative response: +POP3UIDL: 0 If some error occur: +POP3OUT: <code> Write Command AT+POP3UIDL=< msgNumber> Parameters <msgNumber> The message number of Email . <UID> The Email unique-id, the unique-id is an arbitrary |