| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 301 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 301 Page - SIMCom |
|
301 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 301 2015-08-03 Reference Note 14.2.13 AT+POP3SRV Set POP3 Server and Account AT+POP3SRV Set POP3 Server and Account Response +POP3SRV: <pop3ServerLength>,<userNameLength>,<password- Length>,(range of supported <pop3Port>s) OK Test Command AT+POP3SRV=? Parameters See Write Command Response +POP3SRV: <pop3Server>,<userName>,<password>,<pop3Port> OK Read Command AT+POP3SRV? Parameters See Write Command Response OK If error is related to ME functionality: ERROR Write Command AT+POP3SRV=<po p3Server>,<userNa me>,<password>[,<p op3Port>] Parameters <pop3Server> POP3 server address, string type. This parameter can be either: - IP address in the format: xxx.xxx.xxx.xxx - Host name to be solved with a DNS query <userName> The user name to log in POP3 server, string type. <password> The password to log in POP3 server, string type. <pop3Port> The port of POP3 server. 1-65535 Default: 110 <pop3ServerLength> The max length of <pop3Server>. <userNameLength> The max length of <userName>. <passwordLength> The max length of <password>. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note |