Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 299 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 299 Page - SIMCom

Back Button SIM800 Datasheet HTML 295Page - SIMCom SIM800 Datasheet HTML 296Page - SIMCom SIM800 Datasheet HTML 297Page - SIMCom SIM800 Datasheet HTML 298Page - SIMCom SIM800 Datasheet HTML 299Page - SIMCom SIM800 Datasheet HTML 300Page - SIMCom SIM800 Datasheet HTML 301Page - SIMCom SIM800 Datasheet HTML 302Page - SIMCom SIM800 Datasheet HTML 303Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
299
2015-08-03
Parameter
Saving
Mode
NO_SAVE
Max Response Time
-
Reference
Note
14.2.11 AT+SMTPFT
Transfer the Email Attachment
AT+SMTPFT
Transfer the Email Attachment
Response
OK
Test Command
AT+SMTPFT=?
Parameters
See Write Command
Response
When the URC below is reported, the attachment can be transferred:
+SMTPFT: 1,<maxLength>
If <reqLength> is not 0 and send data successfully:
+SMTPFT: 2,<cnfLength>
......
//Input data
OK
If <reqLength> is not 0 and send data unsuccessfully:
+SMTPFT: 2,<cnfLength>
......
//Input data
ERROR
If <reqLength> is 0,it indicates that transferring the attachment have
finished:
OK
If error is related to ME functionality:
ERROR
If some error occur:
+SMTPSEND: <code>
Write Command
AT+SMTPFT=<req
Length>
Parameters
<reqLength>
Requested number of data bytes(0-<maxLength>) to
be transmitted
<cnfLength>
Confirmed number of data bytes to be transmitted
<maxLength>
The max length of data can be sent at a time. It depends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More