| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 238 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 238 Page - SIMCom |
|
238 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 238 2015-08-03 0 2400 1 4800 2 9600 3 14400 Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 8.2.20 AT+CIPSRIP Show Remote IP Address and Port When Received Data AT+CIPSRIP Show Remote IP Address and Port When Received Data Response +CIPSRIP: (list of supported <mode>s) OK Test Command AT+CIPSRIP=? Parameters See Write Command Response +CIPSRIP: <mode> OK Read Command AT+CIPSRIP? Parameters See Write Command Response OK ERROR Write Command AT+CIPSRIP=< mode> Parameters <mode> A numeric parameter which shows remote IP address and port. 0 Do not show the prompt 1 Show the prompt, the format is as follows: 1) For single IP connection (+CIPMUX=0) +RECV FROM:<IP ADDRESS>:<PORT> 1) For multi IP connection (+CIPMUX=1) +RECEIVE,<n>,<data length>,<IP ADDRESS>:<PORT> Parameter Saving Mode NO_SAVE Max Response Time - |