| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 234 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 234 Page - SIMCom |
|
234 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 234 2015-08-03 Max Response Time - Reference Note 8.2.15 AT+CIPHEAD Add an IP Head at the Beginning of a Package Received AT+CIPHEAD Add an IP Head at the Beginning of a Package Received Response +CIPHEAD: (list of supported <mode>s) OK Test Command AT+CIPHEAD= ? Parameter See Write Command Response +CIPHEAD: <mode> OK Read Command AT+CIPHEAD? Parameters See Write Command Response OK ERROR Write Command AT+CIPHEAD= <mode> Parameters <mode> A numeric parameter which indicates whether an IP header is added to the received data or not. 0 Not add IP header 1 Add IP header, the format is: 1) For single IP connection (+CIPMUX=0) +IPD,<data length>: 2) For multi IP connection (+CIPMUX=1) +RECEIVE,<n>,<data length>: Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 8.2.16 AT+CIPATS Set Auto Sending Timer AT+CIPATS Set Auto Sending Timer Test Command AT+CIPATS=? Response +CIPATS: (list of supported <mode>s),(list of supported <time>) |