| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 239 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 239 Page - SIMCom |
|
239 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 239 2015-08-03 Reference 8.2.21 AT+CIPDPDP Set Whether to Check State of GPRS Network Timing AT+CIPDPDP Set Whether to Check State of GPRS Network Timing Response +CIPDPDP: (list of supported<mode>s, list of supported <interval>, list of supported <timer>) OK Test Command AT+CIPDPDP=? Parameters See Write Command Response +CIPDPDP: <mode>, <interval>, <timer> OK Read Command AT+CIPDPDP? Parameters See Write Command Response OK ERROR Write Command AT+CIPDPDP=< mode>[,<interval >,<timer>] Parameters <mode> 0 Not set detect PDP 1 Set detect PDP <interval> 1<=interval<=180(s) <timer> 1<=timer<=10 Parameter Saving Mode NO_SAVE Max Response Time - Reference Note If "+PDP: DEACT" urc is reported because of module not attaching to gprs for a certain time or other reasons, user still needs to execute "AT+CIPSHUT" command makes PDP context come back to original state. 8.2.22 AT+CIPMODE Select TCPIP Application Mode AT+CIPMODE Select TCPIP Application Mode Test Command AT+CIPMODE= Response +CIPMODE: (0-NORMAL MODE,1-TRANSPARENT MODE) |