| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 237 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 237 Page - SIMCom |
|
237 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 237 2015-08-03 Mode Max Response Time - Reference Note This command is allowed to establish a TCP server only when the state is IP INITIAL or IP STATUS when it is in single state. In multi-IP state, the state is in IP STATUS only. 8.2.19 AT+CIPCSGP Set CSD or GPRS for Connection Mode AT+CIPCSGP Set CSD or GPRS for Connection Mode Response +CIPCSGP:0-CSD,DIALNUMBER,USER NAME,PASSWORD,RATE(0-3) +CIPCSGP: 1-GPRS,APN,USER NAME,PASSWORD OK Test Command AT+CIPCSGP=? Parameters See Write Command Response +CIPCSGP: <mode>, <apn>, <user name>, <password>[,<rate>] OK Read Command AT+CIPCSGP? Parameters See Write Command Response OK ERROR Write Command AT+CIPCSGP=< mode>[, (<apn>,<user name>, <password>),(<d ial number>,<user name>,<passwor d>,<rate>)] Parameters <mode> A numeric parameter which indicates the wireless connection mode 0 set CSD as wireless connection mode 1 set GPRS as wireless connection mode GPRS parameters: <apn> A string parameter which indicates the access point name <user name> A string parameter which indicates the user name <password> A string parameter which indicates the password CSD parameters: <dial number> A string parameter which indicates the CSD dial numbers <user name> A string parameter which indicates the CSD user name <password> A string parameter which indicates the CSD password <rate> A numeric parameter which indicates the CSD connection rate |