| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 240 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 240 Page - SIMCom |
|
240 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 240 2015-08-03 OK ? Parameters See Write Command Response +CIPMODE: <mode> OK Read Command AT+CIPMODE? Parameters See Write Command Response OK ERROR Write Command AT+CIPMODE= <mode> Parameters <mode> 0 Normal mode 1 Transparent mode Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 8.2.23 AT+CIPCCFG Configure Transparent Transfer Mode AT+CIPCCFG Configure Transparent Transfer Mode Response +CIPCCFG: (NmRetry:3-8),(WaitTm:2-10),(SendSz:1-1460),(esc:0,1) ,(Rxmode:0,1), (RxSize:50-1460),(Rxtimer:20-1000) OK Test Command AT+CIPCCFG= ? Parameters See Write Command Response +CIPCCFG: <NmRetry>,<WaitTm>,<SendSz>,<esc>,<Rxmode>,<RxSize>,<Rxtime r> OK Read Command AT+CIPCCFG? Parameters See Write Command Write Command Response |