| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 235 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 235 Page - SIMCom |
|
235 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 235 2015-08-03 OK Parameters See Write Command Response +CIPATS: <mode>,<time> OK Read Command AT+CIPATS? Parameters See Write Command Response OK ERROR Write Command AT+CIPATS=<m ode>[,<time>] Parameters <mode> A numeric parameter which indicates whether set timer when module is sending data 0 Not set timer when module is sending data 1 Set timer when module is sending data <time> 1..100 A numeric parameter which indicates the seconds after which the data will be sent Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 8.2.17 AT+CIPSPRT Set Prompt of ‘>’ When Module Sends Data AT+CIPSPRT Set Prompt of ‘>’ When Module Sends Data Response +CIPSPRT: (list of supported <send prompt>s) OK Test Command AT+CIPSPRT=? Parameters See Write Command Response +CIPSPRT: <send prompt> OK Read Command AT+CIPSPRT? Parameters See Write Command Write Command Response |