Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 232 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 232 Page - SIMCom

Back Button SIM800 Datasheet HTML 228Page - SIMCom SIM800 Datasheet HTML 229Page - SIMCom SIM800 Datasheet HTML 230Page - SIMCom SIM800 Datasheet HTML 231Page - SIMCom SIM800 Datasheet HTML 232Page - SIMCom SIM800 Datasheet HTML 233Page - SIMCom SIM800 Datasheet HTML 234Page - SIMCom SIM800 Datasheet HTML 235Page - SIMCom SIM800 Datasheet HTML 236Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
232
2015-08-03
REMOTE CLOSING
CLOSING
CLOSED
<state>
A string parameter which indicates the progress of
connecting
0
IP INITIAL
1
IP START
2
IP CONFIG
3
IP GPRSACT
4
IP STATUS
5
TCP CONNECTING/UDP CONNECTING
/SERVER LISTENING
6
CONNECT OK
7
TCP CLOSING/UDP CLOSING
8
TCP CLOSED/UDP CLOSED
9
PDP DEACT
In Multi-IP state:
0
IP INITIAL
1
IP START
2
IP CONFIG
3
IP GPRSACT
4
IP STATUS
5
IP PROCESSING
9
PDP DEACT
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
-
Reference
Note
8.2.13 AT+CDNSCFG
Configure Domain Name Server
AT+CDNSCFG
Configure Domain Name Server
Response
+CDNSCFG: ("Primary DNS"),("Secondary DNS")
OK
Test Command
AT+CDNSCFG=
?
Parameters
See Write Command
Read Command
AT+CDNSCFG?
Response
PrimaryDns: <pri_dns>
SecondaryDns: <sec_dns>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More