Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 183 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 183 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 177Page - STMicroelectronics AN3350 Datasheet HTML 178Page - STMicroelectronics AN3350 Datasheet HTML 179Page - STMicroelectronics AN3350 Datasheet HTML 180Page - STMicroelectronics AN3350 Datasheet HTML 181Page - STMicroelectronics AN3350 Datasheet HTML 182Page - STMicroelectronics AN3350 Datasheet HTML 183Page - STMicroelectronics AN3350 Datasheet HTML 184Page - STMicroelectronics AN3350 Datasheet HTML 185Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 183 / 185 page
background image
AN3350
eTPU specific features
Doc ID 018512 Rev 2
183/185
Syntax
__attribute__((pure_assembly)) function-declaration;
__attribute__((pure_assembly)) function-definition;
23.18
eTPU intrinsic functions
Fraction to integer conversion. Use the following intrinsics to smoothly convert a fraction
variable into integer variable without causing it to round to 0 or 1.
_int_from_fract
Coverts from signed fraction to signed integer.
_int_from_ufract
Converts from unsigned fraction to signed integer.
_uint_from_fract
Converts from signed fraction to unsigned integer.
_uint_from_ufract
Converts from unsigned fraction to unsigned integer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More