Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 178 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 178 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 174Page - STMicroelectronics AN3350 Datasheet HTML 175Page - STMicroelectronics AN3350 Datasheet HTML 176Page - STMicroelectronics AN3350 Datasheet HTML 177Page - STMicroelectronics AN3350 Datasheet HTML 178Page - STMicroelectronics AN3350 Datasheet HTML 179Page - STMicroelectronics AN3350 Datasheet HTML 180Page - STMicroelectronics AN3350 Datasheet HTML 181Page - STMicroelectronics AN3350 Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 185 page
background image
eTPU specific features
AN3350
178/185
Doc ID 018512 Rev 2
If (m1)
{
}
Else if (m2)
{
}
Would generate a different entry table than
If (m2)
{
}
Else if (m1)
{
}
since the first implies
if (m1)
{
}
else if (!m1 && m2)
{
}
and the second implies
if (m2)
{
}
else if (!m2 && m1)
{
}
●
In every expression, one of the following events must be tested and have a non zero
value: hsr, lsr, m1, m2.
23.4
pragma ETPU_function
#pragma ETPU_function name [, standard|alternate] [@ func_num];
This pragma tells the compiler that this function is an ETPU function. The compiler will
create the needed entry table section for this function so that execution would be given to
the different threads according to the condition expressions given in the function and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More