| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 120 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 120 Page - Motorola, Inc |
|
120 / 290 page ![]() Central Processor Unit (CPU) MC9S08GB/GT 120 MOTOROLA Source form Everything in the source forms columns, except expressions in italic characters, is literal information which must appear in the assembly source file exactly as shown. The initial 3- to 5-letter mnemonic is always a literal expression. All commas, pound signs (#), parentheses, and plus signs (+) are literal characters. n — Any label or expression that evaluates to a single integer in the range 0–7 opr8i — Any label or expression that evaluates to an 8-bit immediate value opr16i — Any label or expression that evaluates to a 16-bit immediate value opr8a — Any label or expression that evaluates to an 8-bit value. The instruction treats this 8-bit value as the low order 8 bits of an address in the direct page of the 64-Kbyte address space ($00xx). opr16a — Any label or expression that evaluates to a 16-bit value. The instruction treats this value as an address in the 64-Kbyte address space. oprx8 — Any label or expression that evaluates to an unsigned 8-bit value, used for indexed addressing oprx16 — Any label or expression that evaluates to a 16-bit value. Since the HCS08 has a 16-bit address bus, this can be either a signed or an unsigned value. rel — Any label or expression that refers to an address that is within –128 to +127 locations from the next address after the last byte of object code for the current instruction. The assembler will calculate the 8-bit signed offset and include it in the object code for this instruction. Address modes INH = Inherent (no operands) IMM = 8-bit or 16-bit immediate DIR = 8-bit direct EXT = 16-bit extended IX = 16-bit indexed no offset IX+ = 16-bit indexed no offset, post increment (CBEQ and MOV only) IX1 = 16-bit indexed with 8-bit offset from H:X IX1+ = 16-bit indexed with 8-bit offset, post increment (CBEQ only) IX2 = 16-bit indexed with 16-bit offset from H:X REL = 8-bit relative offset SP1 = Stack pointer with 8-bit offset SP2 = Stack pointer with 16-bit offset |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |