Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 119 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 119 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 115Page - Motorola, Inc HCS08 Datasheet HTML 116Page - Motorola, Inc HCS08 Datasheet HTML 117Page - Motorola, Inc HCS08 Datasheet HTML 118Page - Motorola, Inc HCS08 Datasheet HTML 119Page - Motorola, Inc HCS08 Datasheet HTML 120Page - Motorola, Inc HCS08 Datasheet HTML 121Page - Motorola, Inc HCS08 Datasheet HTML 122Page - Motorola, Inc HCS08 Datasheet HTML 123Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
119
MC9S08GB/GT
CPU registers
A
=
Accumulator
CCR
=
Condition code register
H
=
Index register, higher order (most significant) 8 bits
X
=
Index register, lower order (least significant) 8 bits
PC
=
Program counter
PCH
=
Program counter, higher order (most significant) 8 bits
PCL
=
Program counter, lower order (least significant) 8 bits
SP
=
Stack pointer
Memory and addressing
M=
A memory location or absolute data, depending on addressing mode
M:M + $0001=
A 16-bit value in two consecutive memory locations. The higher-order (most
significant) 8 bits are located at the address of M, and the lower-order (least
significant) 8 bits are located at the next higher sequential address.
Condition code register (CCR) bits
V
=
Two’s complement overflow indicator, bit 7
H
=
Half carry, bit 4
I
=
Interrupt mask, bit 3
N
=
Negative indicator, bit 2
Z
=
Zero indicator, bit 1
C
=
Carry/borrow, bit 0 (carry out of bit 7)
CCR activity notation
–
=
Bit not affected
0
=
Bit forced to 0
1
=
Bit forced to 1
=
Bit set or cleared according to results of operation
U
=
Undefined after the operation
Machine coding notation
dd
=
Low-order 8 bits of a direct address $0000–$00FF (high byte assumed to be
$00)
ee
=
Upper 8 bits of 16-bit offset
ff
=
Lower 8 bits of 16-bit offset or 8-bit offset
ii
=
One byte of immediate data
jj
=
High-order byte of a 16-bit immediate data value
kk
=
Low-order byte of a 16-bit immediate data value
hh
=
High-order byte of 16-bit extended address
ll
=
Low-order byte of 16-bit extended address
rr
=
Relative offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com