Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 124 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 124 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 120Page - Motorola, Inc HCS08 Datasheet HTML 121Page - Motorola, Inc HCS08 Datasheet HTML 122Page - Motorola, Inc HCS08 Datasheet HTML 123Page - Motorola, Inc HCS08 Datasheet HTML 124Page - Motorola, Inc HCS08 Datasheet HTML 125Page - Motorola, Inc HCS08 Datasheet HTML 126Page - Motorola, Inc HCS08 Datasheet HTML 127Page - Motorola, Inc HCS08 Datasheet HTML 128Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 290 page
background image
Central Processor Unit (CPU)
MC9S08GB/GT
124
MOTOROLA
EOR #opr8i
EOR opr8a
EOR opr16a
EOR oprx16,X
EOR oprx8,X
EOR ,X
EOR oprx16,SP
EOR oprx8,SP
Exclusive OR
Memory with
Accumulator
A
← (A ⊕ M)
0
–
–
–
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
A8
B8
C8
D8
E8
F8
9ED8
9EE8
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
INC opr8a
INCA
INCX
INC oprx8,X
INC ,X
INC oprx8,SP
Increment
M
← (M) + $01
A
← (A) + $01
X
← (X) + $01
M
← (M) + $01
M
← (M) + $01
M
← (M) + $01
––
–
DIR
INH
INH
IX1
IX
SP1
3C
4C
5C
6C
7C
9E6C
dd
ff
ff
5
1
1
5
4
6
JMP opr8a
JMP opr16a
JMP oprx16,X
JMP oprx8,X
JMP ,X
Jump
PC
← Jump Address
–
–
–
–
–
–
DIR
EXT
IX2
IX1
IX
BC
CC
DC
EC
FC
dd
hh ll
ee ff
ff
3
4
4
3
3
JSR opr8a
JSR opr16a
JSR oprx16,X
JSR oprx8,X
JSR ,X
Jump to Subroutine
PC
← (PC) + n (n = 1, 2, or 3)
Push (PCL); SP
← (SP) – $0001
Push (PCH); SP
← (SP) – $0001
PC
← Unconditional Address
––––––
DIR
EXT
IX2
IX1
IX
BD
CD
DD
ED
FD
dd
hh ll
ee ff
ff
5
6
6
5
5
LDA #opr8i
LDA opr8a
LDA opr16a
LDA oprx16,X
LDA oprx8,X
LDA ,X
LDA oprx16,SP
LDA oprx8,SP
Load Accumulator from
Memory
A
← (M)
0
–
–
–
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
A6
B6
C6
D6
E6
F6
9ED6
9EE6
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
LDHX #opr16i
LDHX opr8a
LDHX opr16a
LDHX ,X
LDHX oprx16,X
LDHX oprx8,X
LDHX oprx8,SP
Load Index Register (H:X)
from Memory
H:X
← (M:M + $0001)
0
––
–
IMM
DIR
EXT
IX
IX2
IX1
SP1
45
55
32
9EAE
9EBE
9ECE
9EFE
jj
kk
dd
hh ll
ee ff
ff
ff
3
4
5
5
6
5
5
LDX #opr8i
LDX opr8a
LDX opr16a
LDX oprx16,X
LDX oprx8,X
LDX ,X
LDX oprx16,SP
LDX oprx8,SP
Load X (Index Register
Low) from Memory
X
← (M)
0
––
–
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
AE
BE
CE
DE
EE
FE
9EDE
9EEE
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
LSL opr8a
LSLA
LSLX
LSL oprx8,X
LSL ,X
LSL oprx8,SP
Logical Shift Left
(Same as ASL)
––
DIR
INH
INH
IX1
IX
SP1
38
48
58
68
78
9E68
dd
ff
ff
5
1
1
5
4
6
LSR opr8a
LSRA
LSRX
LSR oprx8,X
LSR ,X
LSR oprx8,SP
Logical Shift Right
––
0
DIR
INH
INH
IX1
IX
SP1
34
44
54
64
74
9E64
dd
ff
ff
5
1
1
5
4
6
MOV opr8a,opr8a
MOV opr8a,X+
MOV #opr8i,opr8a
MOV ,X+,opr8a
Move
(M)destination ← (M)source
H:X
← (H:X) + $0001 in
IX+/DIR and DIR/IX+ Modes
0
––
–
DIR/DIR
DIR/IX+
IMM/DIR
IX+/DIR
4E
5E
6E
7E
dd dd
dd
ii
dd
dd
5
5
4
5
MUL
Unsigned multiply
X:A
← (X) × (A)
–
0
–––
0 INH
42
5
Table 7-1 HCS08 Instruction Set Summary (Sheet 4 of 6)
Source
Form
Operation
Description
Effect
on CCR
VH I N Z C
C
b0
b7
0
b0
b7
C
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com