Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 108 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 108 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 104Page - Motorola, Inc HCS08 Datasheet HTML 105Page - Motorola, Inc HCS08 Datasheet HTML 106Page - Motorola, Inc HCS08 Datasheet HTML 107Page - Motorola, Inc HCS08 Datasheet HTML 108Page - Motorola, Inc HCS08 Datasheet HTML 109Page - Motorola, Inc HCS08 Datasheet HTML 110Page - Motorola, Inc HCS08 Datasheet HTML 111Page - Motorola, Inc HCS08 Datasheet HTML 112Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 290 page
background image
Internal Clock Generator (ICG) Module
MC9S08GB/GT
108
MOTOROLA
6.5.5 ICG Filter Registers (ICGFLTU, ICGFLTL)
Figure 6-16 ICG Upper Filter Register (ICGFLTU)
Figure 6-17 ICG Lower Filter Register (ICGFLTL)
The filter registers show the filter value (FLT).
FLT — Filter Value
The FLT bits indicate the current filter value, which controls the DCO frequency. The FLT bits are
read only except when the CLKS bits are programmed to self-clocked mode (CLKS = 00). In
self-clocked mode, any write to ICGFLTU updates the current 12-bit filter value. Writes to the
ICGFLTU register will not affect FLT if a previous latch sequence is not complete.
6.5.6 ICG Trim Register (ICGTRM)
Figure 6-18 ICG Trim Register (ICGTRM)
TRIM — ICG Trim Setting
The TRIM bits control the internal reference generator frequency. They allow a
± 25% adjustment of
the nominal (POR) period. The bit’s effect on period is binary weighted (i.e., bit 1 will adjust twice as
much as changing bit 0). Increasing the binary value in TRIM will increase the period and decreasing
the value will decrease the period.
Bit 15
14
13
12
11
10
9
Bit 8
Read:
0000
FLT
Write:
Reset:
00000000
= Unimplemented or Reserved
Bit 7
654321
Bit 0
Read:
FLT
Write:
Reset:
11000000
76543210
Read:
TRIM
Write:
POR:
10000000
Reset:
UUUUUUUU
U = Unaffected by MCU reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com