Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 104 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 104 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 100Page - Motorola, Inc HCS08 Datasheet HTML 101Page - Motorola, Inc HCS08 Datasheet HTML 102Page - Motorola, Inc HCS08 Datasheet HTML 103Page - Motorola, Inc HCS08 Datasheet HTML 104Page - Motorola, Inc HCS08 Datasheet HTML 105Page - Motorola, Inc HCS08 Datasheet HTML 106Page - Motorola, Inc HCS08 Datasheet HTML 107Page - Motorola, Inc HCS08 Datasheet HTML 108Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 290 page
background image
Internal Clock Generator (ICG) Module
MC9S08GB/GT
104
MOTOROLA
The CLKS bits are writable at any time, unless the first write after a reset was CLKS = 0X, the CLKS bits
cannot be written to 1X until after the next reset (because the EXTAL pin was not reserved).
OSCSTEN — Enable Oscillator in Off Mode
The OSCSTEN bit controls whether or not the oscillator circuit remains enabled when the ICG enters
off mode.
1 = Oscillator enabled when ICG is in off mode, CLKS = 1X and REFST = 1.
0 = Oscillator disabled when ICG is in off mode unless ENABLE is high, CLKS = 10, and
REFST = 1.
6.5.2 ICG Control Register 2 (ICGC2)
Figure 6-13 ICG Control Register 2 (ICGC2)
LOLRE — Loss of Lock Reset Enable
The LOLRE bit determines what type of request is made by the ICG following a loss of lock indication.
The LOLRE bit only has an effect when LOLS is set.
1 = Generate a reset request on loss of lock.
0 = Generate an interrupt request on loss of lock.
MFD — Multiplication Factor
The MFD bits control the programmable multiplication factor in the FLL loop. The value specified by
the MFD bits establishes the multiplication factor (N) applied to the reference frequency. Writes to the
MFD bits will not take effect if a previous write is not complete.
Table 6-7 CLKS Clock Select
CLKS[1:0]
Clock Mode
00
Self-clocked
01
FLL engaged, internal reference
10
FLL bypassed, external reference
11
FLL engaged, external reference
Bit 7
654321
Bit 0
Read:
LOLRE
MFD
LOCRE
RFD
Write:
Reset:
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com