Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 107 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 107 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 103Page - Motorola, Inc HCS08 Datasheet HTML 104Page - Motorola, Inc HCS08 Datasheet HTML 105Page - Motorola, Inc HCS08 Datasheet HTML 106Page - Motorola, Inc HCS08 Datasheet HTML 107Page - Motorola, Inc HCS08 Datasheet HTML 108Page - Motorola, Inc HCS08 Datasheet HTML 109Page - Motorola, Inc HCS08 Datasheet HTML 110Page - Motorola, Inc HCS08 Datasheet HTML 111Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
107
MC9S08GB/GT
LOCS — Loss Of Clock Status
The LOCS bit is an indication of ICG loss of clock status.
1 = ICG has lost clock since LOCS was last cleared, LOCRE determines action taken.
0 = ICG has not lost clock since LOCS was last cleared.
ERCS — External Reference Clock Status
The ERCS bit is an indication of whether or not the external reference clock (ICGERCLK) meets the
minimum frequency requirement.
1 = External reference clock is stable, frequency requirement is met.
0 = External reference clock is not stable, frequency requirement is not met.
ICGIF — ICG Interrupt Flag
The ICGIF read/write flag is set when an ICG interrupt request is pending. It is cleared by a reset or
by reading the ICG status register when ICGIF is set and then writing a logic 1 to ICGIF. If another
ICG interrupt occurs before the clearing sequence is complete, the sequence is reset so ICGIF would
remain set after the clear sequence was completed for the earlier interrupt. Writing a logic 0 to ICGIF
has no effect.
1 = An ICG interrupt request is pending.
0 = No ICG interrupt request is pending.
6.5.4 ICG Status Register 2 (ICGS2)
Figure 6-15 ICG Status Register 2 (ICGS2)
DCOS — DCO Clock Stable
The DCOS bit is set when the DCO clock (ICG2DCLK) is stable, meaning the count error has not
changed by more than nunlock for two consecutive samples and the DCO clock is not static. This bit is
used when exiting off state if CLKS = X1 to determine when to switch to the requested clock mode. It
is also used in self-clocked mode to determine when to start monitoring the DCO clock. This bit is
cleared upon entering the off state.
1 = DCO clock is stable.
0 = DCO clock is unstable.
Bit 7
654321
Bit 0
Read:
0000000
DCOS
Write:
Reset:
00000000
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com