| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 288 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 288 Page - SIMCom |
|
288 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 288 2015-08-03 13 AT Commands for GSM Location Application SIM800 series support GSM location operation. 13.1 Overview Command Description AT+CIPGSMLOC GSM location and time 13.2 Detailed Descriptions of Commands 13.2.1 AT+CIPGSMLOC GSM Location and Time AT+CIPGSMLOC GSM Location and Time Test Command AT+CIPGSMLOC= ? Response +CIPGSMLOC: (1,2),(1-3) OK Parameters See Write Command Response If <type>=1: +CIPGSMLOC:<locationcode>[,<longitude>,<latitude>,<date>,<ti me>] OK If <type>=2: +CIPGSMLOC:<locationcode>[,<date>,<time>] OK If error is related to ME functionality: +CME ERROR:<err> Write Command AT+CIPGSMLOC= <type>,<cid> Parameters <type> 1 View the longitude, latitude and time 2 View time <cid> network parameters, refer to AT+SAPBR <locationcode> 0 Success If the operation failed, the location code is not 0, such as: 404 Not Found |