| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 284 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 284 Page - SIMCom |
|
284 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 284 2015-08-03 AT+FTPPUTFR MFS=? OK Response +FTPPUTFRMFS: <status>[,<putLength>] OK Read Command AT+FTPPUTFR MFS? Parameters <status> the process status of uploading File from File System through FTP 0 not in the process 1 during the process <putLength> the data length uploaded from File System Response If it is a successful FTP put session: OK If data transfer finished. +FTPPUTFRMFS: 0,<totalLength> If it is a failed FTP put session: OK +FTPPUTFRMFS: <error> If error is related to ME functionality: +CME ERROR: <err> Write Command AT+FTPPUTFR MFS=<filepath>[, <num>,<time>] Parameters <filepath> file path. Alphanumeric ASCII text string up to 128 characters <num> Number of automatic reconnect times, from 0 to 255. Default value is 3. <time> wait time before module start automatic reconnect, from 0 to 60 seconds. Default value is 5 seconds. <totalLength> the data length uploaded from File System <error> 85 An error related with file system. Other errors pls see FTPGET. Parameter Saving Mode NO_SAVE Max Response Time 75 seconds(In case no response is received from server) Reference Note Automatic reconnect will start at break point. |