| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 291 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 291 Page - SIMCom |
|
291 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 291 2015-08-03 14.2 Detailed Descriptions of Commands 14.2.1 AT+EMAILCID Set Email Bearer Profile Identifier AT+EMAILCID Set Email Bearer Profile Identifier Response +EMAILCID: (range of supported <cid>s) OK Test Command AT+EMAILCID=? Parameters See Write Command Response +EMAILCID: <cid> OK Read Command AT+EMAILCID? Parameters See Write Command Response OK If error is related to ME functionality: ERROR Write Command AT+EMAILCID=<c id> Parameters <cid> bearer profile identifier refer to AT+SAPBR Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 14.2.2 AT+EMAILTO Set Timeout Value of SMTP/POP3 Server Response AT+EMAILTO Set Timeout Value of SMTP/POP3 Server Response Response +EMAILTO: (range of supported <timeout>s) OK Test Command AT+EMAILTO=? Parameters See Write Command |