| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 290 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 290 Page - SIMCom |
|
290 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 290 2015-08-03 14 AT Commands for Email Application 1. SIM800 series supports to send an Email with an attachment via SMTP protocol. It also supports carbon copy (abbreviated Cc:) recipient and blind carbon copy (abbreviated Bcc:) recipient. 2. SIM800 series supports to retrieve and delete the Email via POP3 protocol, the Email may be with attachments. 3. SIM800 series supports all of POP3 commands but APOP. By these POP3 commands, you can get the specific Email’s size and unique-id. 4. SIM800 series does not support that SMTP and POP3 operations are executed at the same time. 14.1 Overview Command Description AT+EMAILCID Set Email bearer profile identifier AT+EMAILTO Set timeout value of SMTP/POP3 server response AT+SMTPSRV Set SMTP server address and port AT+SMTPAUTH Set user name and password for SMTP authentication AT+SMTPFROM Set sender address and name AT+SMTPRCPT Set the Email recipient(to/cc/bcc) address and name AT+SMTPSUB Set the Email subject AT+SMTPBODY Set the Email body AT+SMTPFILE Set the Email attachment AT+SMTPSEND Send the Email AT+SMTPFT Transfer the Email attachment AT+SMTPCS Set the Email charset AT+POP3SRV Set POP3 server and account AT+POP3IN Log in POP3 server AT+POP3NUM Get Email number and total size AT+POP3LIST Get the specific Email size AT+POP3UIDL Get the specific Email unique-id AT+POP3CMD Get multi-line response AT+POP3READ Read multi-line response AT+POP3DEL Mark the specific Email to delete AT+POP3RSET Unmark the emails that be marked as deleted AT+POP3OUT Log out POP3 server |