| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 285 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 285 Page - SIMCom |
|
285 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 285 2015-08-03 12.2.26 AT+FTPEXTGET Extend Download File AT+FTPEXTGET Extend Download File Test Command AT+FTPEXTGE T=? Response OK Response +FTPEXTGET: <status>[,<receivedLength>] OK Read Command AT+FTPEXTGE T? Parameters <status> whether run FTPEXTGET or not 0 not run FTPEXTGET 1 run FTPEXTGET <receivedLength> length module has received from FTP server Response If mode is 0 OK If it is a successful FTP get session in mode 1: OK If data transfer finished in mode 1 +FTPEXTGET: 1,0 If it is a failed FTP get session in mode 1: OK +FTPEXTGET: 1,<error> If mode is 2: +FTPEXTGET: 2,<totalLength> OK If mode is 3: +FTPEXTGET: 3,<outputLength> If error is related to ME functionality: +CME ERROR: <err> Write Command 1)if mode is 0 or 1 AT+FTPEXTGE T=<mode> 2)if mode is 2 AT+FTPEXTGE T=<mode>,<filen ame> 3)if mode is 3 AT+FTPEXTGE T=<mode>,<read Position>,<readLe ngth> Parameters <mode> 0 use default FTPGET method 1 start extend FTPGET method 2 save download data to filesystem |