| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 278 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 278 Page - SIMCom |
|
278 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 278 2015-08-03 Response If successed: OK +FTPDELE:1,0 If failed: OK +FTPDELE:1,<error> If error is related to ME functionality: +CME ERROR: <err> Execution Command AT+FTPDELE Parameters <error> See "AT+FTPGET" Parameter Saving Mode NO_SAVE Max Response Time 75 seconds(In case no response is received from server) Reference Note The file to be deleted is specified by the "AT+FTPGETNAME" and "AT+FTPGETPATH" commands. 12.2.18 AT+FTPSIZE Get the Size of Specified File in FTP Server AT+FTPSIZE Get the Size of Specified File in FTP Server Response OK Test Command AT+FTPSIZE=? Parameters Execution Command AT+FTPSIZE Response If successed: OK +FTPSIZE:1,0,<size> If failed: OK +FTPSIZE:1,<error>,<0> If error is related to ME functionality: +CME ERROR: <err> |