| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 282 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 282 Page - SIMCom |
|
282 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 282 2015-08-03 +FTPLIST: 1,0 If mode is 1 and it is a failed FTP get session: OK +FTPLIST: 1,<error> If mode is 2: +FTPLIST: 2,<cnflength> 012345678… OK If error is related to ME functionality: +CME ERROR: <err> Parameters <mode> 1 For opening FTP get file list session 2 For reading FTP file list <reqlength> Requested number of data bytes (1-1460) to be read <cnflength> Confirmed number of data bytes to be read, which may be less than <reqlength>. 0 indicates that no data can be read. <error> See "AT+FTPGET" Parameter Saving Mode NO_SAVE Max Response Time 75 seconds(In case no response is received from server) Reference Note When "+FTPLIST: 1,1" is shown, "AT+FTPLIST=2,<reqlength>" can be used to read data. If the module still has unread data, "+FTPLIST: 1,1" will be shown again in a certain time. 12.2.24 AT+FTPGETTOFS Download File and Save in File System AT+FTPGETTOFS Download File and Save in File System Test Command AT+FTPGETTO FS=? Response OK Response +FTPGETTOFS: <status>[,<receivedLength>,<writeLength>] OK Read Command AT+FTPGETTO FS? Parameters <status> the process status of downloading and saving File to File System through FTP 0 Not in the process |