| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 274 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 274 Page - SIMCom |
|
274 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 274 2015-08-03 Test Command AT+FTPPUTPA TH=? Response OK Response +FTPPUTPATH: <value> OK Read Command AT+FTPPUTPA TH? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+FTPPUTPA TH=<value> Parameters <value> Alphanumeric ASCII text string up to 255 characters Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 12.2.14 AT+FTPGET Download File AT+FTPGET Download File Test Command AT+FTPGET=? Response OK Write Command AT+FTPGET=< mode>[,<reqleng th>] Response If mode is 1 and it is a successful FTP get session: OK +FTPGET:1,1 If data transfer finished: +FTPGET:1,0 If mode is 1 and it is a failed FTP get session: OK +FTPGET:1,<error> If mode is 2: |