| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 276 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 276 Page - SIMCom |
|
276 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 276 2015-08-03 Response If mode is 1 and it is a successful FTP get session: OK +FTPPUT:1,1,<maxlength> If mode is 1 and it is a failed FTP get session: OK +FTPPUT:1,<error> If mode is 2 and <reqlength> is not 0 +FTPPUT:2,<cnflength> …… //Input data OK If mode is 2 and <reqlength> is 0, it will respond OK, and FTP session will be closed OK If data transfer finished. +FTPPUT:1,0 If error is related to ME functionality: +CME ERROR: <err> Write Command AT+FTPPUT=< mode>[,<reqleng th>] Parameters <mode> 1 For opening FTP put session 2 For writing FTP upload data. <reqlength> Requested number of data bytes(0-<maxlength>) to be transmitted <cnflength> Confirmed number of data bytes to be transmitted <maxlength> The max length of data can be sent at a time. It depends on the network status. <error> See "AT+FTPGET" Parameter Saving Mode NO_SAVE Max Response Time 75 seconds(In case no response is received from server) Reference Note When "+FTPPUT:1,1,<maxlength>" is shown, then use "AT+FTPPUT=2, <reqlength>" to write data. 12.2.16 AT+FTPSCONT Save FTP Application Context AT+FTPSCONT Save FTP Application Context Read Command Response |