| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 277 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 277 Page - SIMCom |
|
277 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 277 2015-08-03 TA returns FTP Application Context, which consists of the following AT Command parameters. +FTPSCONT:<mode> +FTPSERV: <value> +FTPPORT: <value> +FTPUN: <value> +FTPPW: <value> +FTPCID: <value> +FTPMODE: <value> +FTPTYPE: <value> +FTPPUTOPT: <value> +FTPREST: <value> +FTPGETNAME: <value> +FTPGETPATH: <value> +FTPPUTNAME: <value> +FTPPUTPATH: <value> +FTPTIMEOUT: <value> OK AT+FTPSCONT ? Parameters <mode> 0 Saved, the value from NVRAM 1 Unsaved, the value from RAM For other parameters, see the related command. Execution Command AT+FTPSCONT Response TA saves FTP Application Context which consists of following AT Command parameters, and when system is rebooted, the parameters will be loaded automatically. OK Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 12.2.17 AT+FTPDELE Delete Specified File in FTP Server AT+FTPDELE Delete Specified File in FTP Server Response OK Test Command AT+FTPDELE=? Parameters |