| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 272 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 272 Page - SIMCom |
|
272 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 272 2015-08-03 12.2.10 AT+FTPGETNAME Set Download File Name AT+FTPGETNAME Set Download File Name Test Command AT+FTPGETNA ME=? Response OK Response +FTPGETNAME: <value> OK Read Command AT+FTPGETNA ME? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+FTPGETNA ME=<value> Parameters <value> Alphanumeric ASCII text string up to 99 characters Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 12.2.11 AT+FTPGETPATH Set Download File Path AT+FTPGETPATH Set Download File Path Test Command AT+FTPGETPA TH=? Response OK Response +FTPGETPATH: <value> OK Read Command AT+FTPGETPA TH? Parameters See Write Command Write Command AT+FTPGETPA TH=<value> Response OK If error is related to ME functionality: |