| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 269 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 269 Page - SIMCom |
|
269 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 269 2015-08-03 Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+FTPCID=<v alue> Parameters <value> Bearer profile identifier refer to AT+SAPBR Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 12.2.6 AT+FTPREST Set Resume Broken Download AT+FTPREST Set Resume Broken Download Test Command AT+FTPREST= ? Response OK Response +FTPREST: <value> OK Read Command AT+FTPREST? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+FTPREST= <value> Parameters <value> Broken point to be resumed Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 12.2.7 AT+FTPSERV Set FTP Server Address AT+FTPSERV Set FTP Server Address |