| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 266 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 266 Page - SIMCom |
|
266 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 266 2015-08-03 12.2 Detailed Descriptions of Commands 12.2.1 AT+FTPPORT Set FTP Control Port AT+FTPPORT Set FTP Control Port Test Command AT+FTPPORT= ? Response OK Response +FTPPORT: <value> OK Read Command AT+FTPPORT? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+FTPPORT= <value> Parameters <value> The value of FTP Control port, from 1 to 65535. Default value is 21 Parameter Saving Mode NO_SAVE Max Response Time - Reference Note Numbers above 65535 are illegal as the port identification fields are 16 bits long in the TCP header. 12.2.2 AT+FTPMODE Set Active or Passive FTP Mode AT+FTPMODE Set Active or Passive FTP Mode Test Command AT+FTPMODE =? Response OK Response +FTPMODE: <value> OK Read Command AT+FTPMODE? Parameters See Write Command Write Command AT+FTPMODE Response OK |