| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 265 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 265 Page - SIMCom |
|
265 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 265 2015-08-03 12 AT Commands for FTP Application SIM800 series has an embedded TCP/IP stack that is driven by AT commands and enables the host application to easily access the Internet FTP service. This chapter is a reference guide to all the AT commands and responses defined for using with the TCP/IP stack in FTP Service. 12.1 Overview Command Description AT+FTPPORT Set FTP control port AT+FTPMODE Set active or passive FTP mode AT+FTPTYPE Set the type of data to be transferred AT+FTPPUTOPT Set FTP put type AT+FTPCID Set FTP bearer profile identifier AT+FTPREST Set resume broken download AT+FTPSERV Set FTP server address AT+FTPUN Set FTP user name AT+FTPPW Set FTP password AT+FTPGETNAME Set download file name AT+FTPGETPATH Set download file path AT+FTPPUTNAME Set upload file name AT+FTPPUTPATH Set upload file path AT+FTPGET Download file AT+FTPPUT Set upload file AT+FTPSCONT Save FTP application context AT+FTPDELE Delete specified file in FTP server AT+FTPSIZE Get the size of specified file in FTP server AT+FTPSTATE Get the FTP state AT+FTPEXTPUT Extend upload file AT+FTPMKD Make directory on the remote machine AT+FTPRMD Remove directory on the remote machine AT+FTPLIST List contents of directory on the remote machine AT+FTPGETTOFS Download file and save in file system AT+FTPPUTFRMFS Upload file from file system AT+FTPEXTGET Extend download file AT+FTPFILEPUT Load file in RAM from file system then upload with FTPPUT AT+FTPQUIT Quit current FTP session |