| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 267 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 267 Page - SIMCom |
|
267 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 267 2015-08-03 If error is related to ME functionality: +CME ERROR: <err> =<value> Parameters <value> 0 Active FTP mode 1 Passive FTP mode Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 12.2.3 AT+FTPTYPE Set the Type of Data to Be Transferred AT+FTPTYPE Set the Type of Data to Be Transferred Test Command AT+FTPTYPE= ? Response OK Response +FTPTYPE: <value> OK Read Command AT+FTPTYPE? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+FTPTYPE= <value> Parameters <value> "A" For FTP ASCII sessions "I" For FTP Binary sessions Parameter Saving Mode NO_SAVE Max Response Time - Reference Note When this value is set to A, all the data sent by the stack to the FTP server is made of 7 bits characters (NVT-ASCII: the MSB is set to 0). As a consequence binary data containing 8 bits characters will be corrupted during the transfer if the FTPTYPE is set to A. |