| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 256 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 256 Page - SIMCom |
|
256 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 256 2015-08-03 11 AT Commands for HTTP Application SIM800 series has an embedded TCP/IP stack that is driven by AT commands and enables the host application to easily access the Internet HTTP service. This chapter is a reference guide to all the AT commands and responses defined to use with the TCP/IP stack in HTTP Service. 11.1 Overview Command Description AT+HTTPINIT Initialize HTTP service AT+HTTPTERM Terminate HTTP service AT+HTTPPARA Set HTTP parameters value AT+HTTPDATA Input HTTP data AT+HTTPACTION HTTP method action AT+HTTPREAD Read the HTTP server response AT+HTTPSCONT Save HTTP application context AT+HTTPSTATUS Read HTTP status AT+HTTPHEAD Read the HTTP header information of server response 11.2 Detailed Descriptions of Commands 11.2.1 AT+HTTPINIT Initialize HTTP Service AT+HTTPINIT Initialize HTTP Service Test Command AT+HTTPINIT= ? Response OK Execution Command AT+HTTPINIT Response OK If error is related to ME functionality: +CME ERROR: <err> Parameter Saving Mode NO_SAVE Max Response Time - Reference Note HTTPINIT should first be executed to initialize the HTTP service. |