| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 259 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 259 Page - SIMCom |
|
259 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 259 2015-08-03 Mode Max Response Time - Reference Note Not all the HTTP Server supports "BREAK" and "BREAKEND" parameters 11.2.4 AT+HTTPDATA Input HTTP Data AT+HTTPDATA Input HTTP Data Response +HTTPDATA: (list of supported <size>s),(list of supported <time>s) OK Test Command AT+HTTPDATA =? Parameters See Write Command Response DOWNLOAD OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+HTTPDATA =<size>,<time> Parameters <size> Size in bytes of the data to POST. 1-319488 (bytes) 0 means delete all the content. <time> 1000-120000 (millisecond) Maximum time in milliseconds to input data. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note It is strongly recommended to set enough time to input all data with the length of <size>. 11.2.5 AT+HTTPACTION HTTP Method Action AT+HTTPACTION HTTP Method Action Test Command AT+HTTPACTI ON=? Response +HTTPACTION: (0-2) OK |