| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 253 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 253 Page - SIMCom |
|
253 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 253 2015-08-03 OK Parameters See Write Command Response OK or ERROR or +CME ERROR: <err> Write Command AT+CIPCTL=<mod e> Parameters <mode> 0 Disable to send Echo Reply 1 Enable to send Echo Reply to every IP address pinging it 2 Enable to send Echo Reply only to a subset of IP Addresses pinging it. This subset of IP Addresses can be set by “AT+CIPFLT” command. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note The value of <mode> is stored in non volatile memory. 10.2.3 AT+CIPFLT Set the Rules of IP Filter AT+CIPFLT Set the Rules of IP Filter Response +CIPFLT: (list of supported <action>s),(list of supported <item>s) OK Test Command AT+CIPFLT=? Parameters See Write Command Response +CIPFLT: <item>,<ipAddr>,<mask> [<CR><LF>+CIPFLT: <item>,<ipAddr>,<mask> […]] OK Read Command AT+CIPFLT? Parameter See Write Command |