Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 255 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 255 Page - SIMCom

Back Button SIM800 Datasheet HTML 251Page - SIMCom SIM800 Datasheet HTML 252Page - SIMCom SIM800 Datasheet HTML 253Page - SIMCom SIM800 Datasheet HTML 254Page - SIMCom SIM800 Datasheet HTML 255Page - SIMCom SIM800 Datasheet HTML 256Page - SIMCom SIM800 Datasheet HTML 257Page - SIMCom SIM800 Datasheet HTML 258Page - SIMCom SIM800 Datasheet HTML 259Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
255
2015-08-03
Response
+CIPBEIPING: <mode>
OK
Read Command
AT+CIPBEIPING?
Parameters
See Write Command
Response
OK
or
ERROR
or
+CME ERROR: <err>
Write Command
AT+CIPBEIPING=
<mode>
Parameters
<mode>
0
Disable the module to be PING.
1
Enable the module to be PING.
Parameter
Saving
Mode
NO_SAVE
Max Response Time
-
Reference
Note
If the user want the module can be PING by other device, the user
must excute the AT+CIPBEIPING=1 before the module is PING.
Part of the projects supported by this AT command, please refer to
chapter 21 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More