Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 254 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 254 Page - SIMCom

Back Button SIM800 Datasheet HTML 250Page - SIMCom SIM800 Datasheet HTML 251Page - SIMCom SIM800 Datasheet HTML 252Page - SIMCom SIM800 Datasheet HTML 253Page - SIMCom SIM800 Datasheet HTML 254Page - SIMCom SIM800 Datasheet HTML 255Page - SIMCom SIM800 Datasheet HTML 256Page - SIMCom SIM800 Datasheet HTML 257Page - SIMCom SIM800 Datasheet HTML 258Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
254
2015-08-03
Response
OK
or
ERROR
or
+CME ERROR: <err>
Write Command
AT+CIPFLT=<actio
n>[,<item>][,
<ipAddr>,<mask>]
Parameters
<action>
0
Remove the rule specified by <item>.
<item> must be given.
1
Add the rule specified by <item>.
If <item> is not given, it can find an empty item
automatically. <ipAddr> and <mask> must be given.
2
Delete all of rules
<item>
The item of IP filter rule
1-20
<ipAddr>
Remote IP address,string type. It can be any valid IP
address in the format of ”xxx.xxx.xxx.xxx”
<mask>
Mask to be applied to the<ipAddr>,string type.
It can be any valid IP address mask in the
format of ”xxx.xxx.xxx.xxx”
Parameter
Saving
Mode
NO_SAVE
Max Response Time
-
Reference
Note
When a packet comes from the IP address <coming_IP>, All rules
will be scanned to match the following criterion:
<coming_IP> & <mask> = <ipAddr> & <mask>
If the criterion is matched, the IP packet will be accepted and the
rule scan is finished. If the criterion is not matched, the IP packet
will be ignored.
The rule is stored in non volatile memory.
10.2.4 AT+CIPBEIPING
Set the Module to be PING or Not
AT+CIPBEIPING
Set the Module to be PING or Not
Response
+CIPBEIPING: (0,1)
OK
Test Command
AT+CIPBEIPING=
?
Parameters
See Write Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More