| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 249 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 249 Page - SIMCom |
|
249 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 249 2015-08-03 9 AT Commands for IP Application 9.1 Overview Command Description AT+SAPBR Bearer settings for applications based on IP 9.2 Detailed Descriptions of Commands 9.2.1 AT+SAPBR Bearer Settings for Applications Based on IP AT+SAPBR Bearer Settings for Applications Based on IP Response +SAPBR: (0-4),(1-3), "ConParamTag","ConParamValue" OK Test Command AT+SAPBR=? Parameters See Write Command Response OK If<cmd_type> = 2 +SAPBR: <cid>,<Status>,<IP_Addr> OK If <cmd_type>=4 +SAPBR: <ConParamTag>,<ConParamValue> OK Unsolicited Result Code +SAPBR <cid>: DEACT Write Command AT+SAPBR=<c md_type>,<cid>[ ,<ConParamTag >,<ConParamVa lue>] Parameters <cmd_type> 0 Close bearer 1 Open bearer 2 Query bearer 3 Set bearer parameters 4 Get bearer parameters <cid> Bearer profile identifier <Status> 0 Bearer is connecting 1 Bearer is connected |