Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 244 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 244 Page - SIMCom

Back Button SIM800 Datasheet HTML 240Page - SIMCom SIM800 Datasheet HTML 241Page - SIMCom SIM800 Datasheet HTML 242Page - SIMCom SIM800 Datasheet HTML 243Page - SIMCom SIM800 Datasheet HTML 244Page - SIMCom SIM800 Datasheet HTML 245Page - SIMCom SIM800 Datasheet HTML 246Page - SIMCom SIM800 Datasheet HTML 247Page - SIMCom SIM800 Datasheet HTML 248Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
244
2015-08-03
Parameters
See Write Command
Response
OK
ERROR
1)For single IP connection
If “AT+CIPSRIP=1” is set, IP address and port are contained.
if <mode>=1
+CIPRXGET: 1[,<IP ADDRESS>:<PORT>]
if <mode>=2
+CIPRXGET: 2,<reqlength>,<cnflength>[,<IP ADDRESS>:<PORT>]
1234567890…
OK
if <mode>=3
+CIPRXGET: 3,<reqlength>,<cnflength>[,<IP ADDRESS>:<PORT>]
5151…
OK
if <mode>=4
+CIPRXGET: 4, <cnflength>
OK
2)For multi IP connection
If “AT+CIPSRIP=1” is set, IP address and port is contained.
if <mode>=1
+CIPRXGET: 1[,<id>,<IP ADDRESS>:<PORT>]
if <mode>=2
+CIPRXGET:
2,<id>,<reqlength>,<cnflength>[,<IP
ADDRESS>:<PORT>]
1234567890…
OK
if <mode>=3
+CIPRXGET:
3,<id>,<reqlength>,<cnflength>[,<IP
ADDRESS>:<PORT>]
5151…
OK
if <mode>=4
+CIPRXGET: 4, <id>,<cnflength>
OK
If error is related to ME functionality:
+CME ERROR: <err>
Write Command
1) If single IP
connection
(+CIPMUX=0)
AT+CIPRXGET
=<mode>[,<reqle
ngth>]
2) If multi IP
connection
(+CIPMUX=1)
AT+CIPRXGET
=<mode>[,<id>,<
reqlength>]
Parameters
<mode>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More