| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 229 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 229 Page - SIMCom |
|
229 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 229 2015-08-03 See Write Command Response OK ERROR Write Command 1) For single IP connection (+CIPMUX=0) AT+CLPORT=< mode>,<port> 2) For multi IP connection (+CIPMUX=1) AT+CLPORT=< n>,<mode>,<por t> Parameters <n> 0..5 A numeric parameter which indicates the connection number this used in multi IP connection <mode> A string parameter which indicates the connection type "TCP" TCP local port "UDP" UDP local port <port> 0-65535 A numeric parameter which indicates the local port default value is 0, a port can be dynamically allocated a port. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note This command will be effective when module is set as a Client. 8.2.9 AT+CSTT Start Task and Set APN, USER NAME, PASSWORD AT+CSTT Start Task and Set APN, USER NAME, PASSWORD Response +CSTT: "APN","USER","PWD" OK Test Command AT+CSTT=? Parameters See Write Command Response +CSTT: <apn>,<user name>,<password> OK Read Command AT+CSTT? Parameters See Write Command Response OK ERROR Write Command AT+CSTT=<apn >,<user name>,<passwor d> Parameters <apn> A string parameter which indicates the GPRS access point name <user name> A string parameter which indicates the GPRS user name <password> A string parameter which indicates the GPRS password |