| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 228 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 228 Page - SIMCom |
|
228 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 228 2015-08-03 If close fails: ERROR Parameter Saving Mode NO_SAVE Max Response Time 65 seconds Reference Note If this command is executed in multi-connection mode, all of the IP connection will be shut. User can close gprs pdp context by AT+CIPSHUT. After it is closed, the status is IP INITIAL. If "+PDP: DEACT" urc is reported which means the gprs is released by the network, then user still needs to execute "AT+CIPSHUT" command to make PDP context come back to original state. 8.2.8 AT+CLPORT Set Local Port AT+CLPORT Set Local Port Response 1) For single IP connection (+CIPMUX=0) +CLPORT: ("TCP","UDP"),(0-65535) OK 2) For multi IP connection (+CIPMUX=1) +CLPORT: (0-5),("TCP","UDP"),(0-65535) OK Test Command AT+CLPORT=? Parameters See Write Command Response 1) For single IP connection (+CIPMUX=0) +CLPORT: <TCP port>,<UDP port> OK 2) For multi IP connection (+CIPMUX=1) +CLPORT: 0,<TCP port>,<UDP port> +CLPORT: 1,<TCP port>,<UDP port> +CLPORT: 2,<TCP port>,<UDP port> +CLPORT: 3,<TCP port>,<UDP port> +CLPORT: 4,<TCP port>,<UDP port> +CLPORT: 5,<TCP port>,<UDP port> OK Read Command AT+CLPORT? Parameters |