| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 227 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 227 Page - SIMCom |
|
227 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 227 2015-08-03 Reference Note 8.2.6 AT+CIPCLOSE Close TCP or UDP Connection AT+CIPCLOSE Close TCP or UDP Connection Test Command AT+CIPCLOSE =? Response OK Response: 1) For single IP connection (+CIPMUX=0) CLOSE OK 2) For multi IP connection (+CIPMUX=1) <id>, CLOSE OK Write Command 1) If single IP connection (+CIPMUX=0) AT+CIPCLOSE =<n> 2) If multi IP connection (+CIPMUX=1) AT+CIPCLOSE =<id>,[<n>] Parameters <n> 0 Slow close 1 Quick close <id> A numeric parameter which indicates the connection number Execution Command AT+CIPCLOSE Response If close is successfully: CLOSE OK If close fails: ERROR Parameter Saving Mode NO_SAVE Max Response Time - Reference Note AT+CIPCLOSE only closes connection at the status of TCP/UDP which returns CONNECTING or CONNECT OK, otherwise it will return ERROR, after the connection is closed, the status is IP CLOSE in single IP mode 8.2.7 AT+CIPSHUT Deactivate GPRS PDP Context AT+CIPSHUT Deactivate GPRS PDP Context Test Command AT+CIPSHUT=? Response OK Execution Command AT+CIPSHUT Response If close is successful: SHUT OK |