| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 226 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 226 Page - SIMCom |
|
226 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 226 2015-08-03 +CIPQSEND: <n> OK AT+CIPQSEND ? Parameter See Write Command Response OK Write Command AT+CIPQSEND =<n> Parameters <n> 0 Normal mode – when the server receives TCP data, it will responsd SEND OK. 1 Quick send mode – when the data is sent to module, it will responsd DATA ACCEPT:<n>,<length>, while not responding SEND OK. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 8.2.5 AT+CIPACK Query Previous Connection Data Transmitting State AT+CIPACK Query Previous Connection Data Transmitting State Test Command AT+CIPACK=? Response OK Response +CIPACK: <txlen>, <acklen>, <nacklen> OK Write Command If in multi IP connection (+CIPMUX=1) AT+CIPACK=< n> Parameters <n> A numeric parameter which indicates the connection number <txlen> The data amount which has been sent <acklen> The data amount confirmed successfully by the server <nacklen> The data amount without confirmation by the server Response +CIPACK: <txlen>, <acklen>, <nacklen> OK Execution Command If in single IP connection (+CIPMUX=0) AT+CIPACK Parameters See Write Command Parameter Saving Mode NO_SAVE Max Response Time - |