| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 214 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 214 Page - SIMCom |
|
214 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 214 2015-08-03 Time Reference Note This command is used to test PDPs with network simulators. Successful activation of PDP on real network is not guaranteed. Refer to AT+CGDATA clarification for more information. 7.2.6 AT+CGDATA Enter Data State AT+CGDATA Enter Data State Test Command AT+CGDATA=? Response +CGDATA: list of supported <L2P>s OK Parameter See Write Command Response CONNECT If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CGDATA=< L2P>[,<cid>] Parameters <L2P> A string parameter (string should be included in quotation marks) that indicates the layer 2 protocol to be used between the TE and MT: "PPP" Point to Point protocol for a PDP such as IP Other values are not supported and will result in an ERROR response to the execution Command. <cid> A numeric parameter which specifies a particular PDP context definition (see +CGDCONT Command) Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 7.2.7 AT+CGPADDR Show PDP Address AT+CGPADDR Show PDP Address Response +CGPADDR: (list of defined <cid>s) OK Test Command AT+CGPADDR= ? Parameters See Write Command |