| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 210 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 210 Page - SIMCom |
|
210 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 210 2015-08-03 command. <PDP_type> (Packet Data Protocol type) IP Internet Protocol (IETF STD 5) <APN> (Access Point Name) A string parameter (string should be included in quotation marks) which is a logical name that is used to select the GGSN or the external packet data network. If the value is null or omitted, then the subscription value will be requested.The default value is NULL. <PDP_addr> A string parameter (IP address). Format: "<n>.<n>.<n>.<n>" where <n>=0..255 If the value is null or equals 0.0.0.0 a dynamic address will be requested. The allocated address may be read using the +CGPADDR command <d_comp> A numeric parameter that controls PDP data compression 0 –PDP data compression off (default if value is omitted) <h_comp> A numeric parameter that controls PDP data compression 0 –PDP header compression off (default if value is omitted) Parameter Saving Mode AUTO_SAVE Max Response Time - Reference Note 7.2.3 AT+CGQMIN Quality of Service Profile (Minimum Acceptable) AT+CGQMIN Quality of Service Profile (Minimum Acceptable) Response +CGQMIN: <PDP_type>,(list of supported <precedence>s),(list of supported <delay>s),(list of supported <reliability>s),(list of supported <peak>s),(list of supported <mean>s) [<CR><LF>+CGQMIN: <PDP_type>,(list of supported <precedence> s),(list of supported <delay>s),(list of supported <reliability>s),(list of supported <peak>s),(list of supported <mean>s) […]] OK Test Command AT+CGQMIN=? Parameters See Write Command |