| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 211 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 211 Page - SIMCom |
|
211 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 211 2015-08-03 Response +CGQMIN: <cid>,<precedence>,<delay>,>reliability>,<peak>,<mean> [<CR><LF>+CGQMIN: <cid>,<precedence>,<delay>,<reliability>,<peak>,<mean> […]] OK Read Command AT+CGQMIN? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CGQMIN=< cid>[,<precedenc e>[,<delay>[,<rel iability>[,<peak> [,<mean>]]]]] Parameters <cid> 1..3 A numeric parameter which specifies a particular PDP context definition (see +CGDCONT command) <precedence> 0 QOS precedence class subscribed value 1..3 QOS precedence class <delay> 0 QOS delay class subscribed value 1..4 QOS delay class subscribed <reliability> 0 QOS reliability class subscribed value 1..5 QOS reliability class. <peak> 0 QOS peak throughput class subscribed value 1..9 QOS peak throughput class <mean> 0 QOS mean throughput class subscribed value 1..18 QOS mean throughput class 31 QOS mean throughput class best effort Parameter Saving Mode AUTO_SAVE Max Response Time - Reference Note 7.2.4 AT+CGQREQ Quality of Service Profile (Requested) AT+CGQREQ Quality of Service Profile (Requested) |