| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 217 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 217 Page - SIMCom |
|
217 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 217 2015-08-03 Parameters <PDP_type> Packet Data Protocol type (see +CGDCONT Command) <PDP_addr> Packet Data Protocol address (see +CGDCONT Command) <cid> Context Id (see +CGDCONT Command) Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 7.2.10 AT+CGREG Network Registration Status AT+CGREG Network Registration Status Response +CGREG: (list of supported <n>s) OK Test Command AT+CGREG=? Parameters See Write Command Response +CGREG: <n>,<stat>[,<lac>,<ci>] OK If error is related to ME functionality: +CME ERROR: <err> Read Command AT+CGREG? Parameters See Write Command Response OK ERROR Write Command AT+CGREG=[< n>] Parameters <n> 0 Disable network registration unsolicited result code 1 Enable network registration unsolicited result code +CGREG:<stat> 2 Enable network registration and location information unsolicited result code +CGREG: <stat>[,<lac>,<ci>] <stat> 0 Not registered, MT is not currently searching an operator to register to.The GPRS service is disabled, the UE is allowed to attach for GPRS if requested by the user. |