Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 212 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 212 Page - SIMCom

Back Button SIM800 Datasheet HTML 208Page - SIMCom SIM800 Datasheet HTML 209Page - SIMCom SIM800 Datasheet HTML 210Page - SIMCom SIM800 Datasheet HTML 211Page - SIMCom SIM800 Datasheet HTML 212Page - SIMCom SIM800 Datasheet HTML 213Page - SIMCom SIM800 Datasheet HTML 214Page - SIMCom SIM800 Datasheet HTML 215Page - SIMCom SIM800 Datasheet HTML 216Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
212
2015-08-03
Response
+CGQREQ: <PDP_type>,(list of supported <precedence>s),(list of
supported <delay>s),(list of supported <reliability>s),<list of supported
<peak>s),(list of supported <mean>s)
[<CR><LF>+CGQREQ: <PDP_type>,(list of supported <precedence>
s),(list of supported <delay>s),(list of supported <reliability>s),(list of
supported <peak>s),(list of supported <mean>s)
[…]]
OK
Test Command
AT+CGQREQ=?
Parameters
See Write Command
Response
+CGQREQ: <cid>,<precedence>,<delay>,>reliability>,<peak>,<mean>
[<CR><LF>+CGQREQ:
<cid>,<precedence>,<delay>,<reliability>,<peak>,<mean>
[…]]
OK
Read Command
AT+CGQREQ?
Parameters
See Write Command
Response
OK
If error is related to ME functionality:
+CME ERROR: <err>
Write Command
AT+CGQREQ=c
id>[,<precedence
>[,<delay>[,<reli
ability>[,<peak>[
,<mean>]]]]]
Parameters
<cid>
A numeric parameter which specifies a particular PDP
context definition (see +CGDCONT Command)
The following parameter are defined in GSM 03.60
<precedence>
A numeric parameter which specifies the precedence class
0
QOS precedence class subscribed value
1..3
QOS precedence class
<delay>
A numeric parameter which specifies the delay class
0
QOS delay class subscribed value
1..4
QOS delay class
<reliability>
A numeric parameter which specifies the reliability class
0
QOS reliability class subscribed value
1..5
QOS reliability class; default value: 3
<peak>
A numeric parameter which specifies the peak throughput
class
0
QOS peak throughput class subscribed value
1..9
QOS peak throughput class



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More